Part Number Hot Search : 
SMBJ2 STA524A 138M5 SH13003 BZT52C30 21NM60 RGE600 0603X
Product Description
Full Text Search
 

To Download DTC124EE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors ? the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. ? only the on/off conditions need to be set for operation, making device design easy absolute maximum ratings @ 25  symbol parameter min typ max unit v cc supply voltage --- 50 --- v v in input voltage -10 --- 40 v p d power dissipation --- 150 --- mw t j junction temperature --- 150 ---  t stg storage temperature -55 --- 150  electrical characteristics @ 25  symbol parameter min typ max unit v i(off) --- --- 0.5 v v i(on) input voltage (v cc =5v, i o =100  a) (v o =0.2v, i o =5ma) 3.0 --- --- v v o(on) output voltage (i o /i i =10ma/0.5ma) --- 0.1 0.3 v i i input current (v i =5v) --- --- 0.36 ma i o(off) output current (v cc =50v, v i =0) --- --- 0.5  a g i dc current gain (v o =5v, i o =5ma) 56 --- --- r 1 input resistance 15.4 22 r 2 /r 1 resistance ratio 0.8 1.0 1.2 f t transition frequency (v o =10v, i o =5ma, f=100mhz) --- 250 --- mhz 28.6 k i o i c(max) output current --- 30 100 --- ma sot-523 *marking: 25 epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 2012-0 willas electronic corp. dimensions in inches and (millimeters) .043(1.10) .035(0.90) .069(1.75) .057(1.45) .004(0.10)min. .008(0.20) .004(0.10) .035(0.90) .028(0.70) .006(0.15) .014(0.35) .004(0.10)max. .067(1.70) .059(1.50) .035(0.90) .028(0.70) .014(0.35) .010(0.25) npn digital transistor DTC124EE
typical characteristics 2012-0 willas electronic corp. 0.4 0.8 1.2 1.6 2.0 0.01 0.1 1 10 0.1 1 10 100 0.1 1 10 100 11 01 0 0 10 100 1000 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 400 0 4 8 12 16 20 0 2 4 6 8 10 0.1 1 10 100 1 10 100 1000 t a =100 t a =25 off characteristics 3 0.3 0.03 v cc =5v output current i 0 (ma) input voltage v i(off) (v) 30 3 0.3 t a =100 on characteristics t a =25 v o =0.2v 3 0.3 30 output current i o (ma) input voltage v i(on) (v) t a =25 t a =100 300 30 30 3 v o(on) i o i o /i i =20 output voltage v o(on) (mv) output current i o (ma) dtc124em dtc124esa dtc124eua/ca/ka DTC124EE p d t a power dissipation p d (mw) ambient temperature t a ( ) output capacitance c o (pf) f=1mhz t a =25 c o v r reverse bias voltage v r (v) t a =100 t a =25 30 v o =5v 300 3 3 0.3 30 g i i o output current i o (ma) dc current gain g i 5 npn digital transistor DTC124EE


▲Up To Search▲   

 
Price & Availability of DTC124EE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X